ATS-17F-95-C2-R0
AI

The **ATS-17F-95-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table highlights the critical mechanical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-17F-95-C2-R0 |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 7.29 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
## 2. Component Analysis
### A. Material and Finish
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** Provides surface protection against corrosion and slightly increases emissivity for better radiative cooling.
### B. Thermal Interface Material (TIM)
The "C2" suffix in the part number indicates the specific type of thermal interface material used. The **T766** material is pre-applied to the base of the heat sink, ensuring a low-thermal-resistance connection between the heat sink and the electronic chip without requiring additional paste.
### C. Mounting Mechanism
This model uses a **Push-Pin and Spring** system:
* **Pressure:** The springs provide a consistent, calculated force on the chip to optimize heat transfer.
* **Ease of Use:** It allows for quick installation into pre-drilled holes on the PCB (Printed Circuit Board).
---
## 3. Thermal Performance Profile
Thermal resistance varies based on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | 7.29 |
| **400 (2.0 m/s)** | 3.87 |
| **600 (3.0 m/s)** | 3.06 |
---
## 4. Typical Applications
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Networking switches and routers.
* **Power Electronics:** Cooling for MOSFETs or high-speed voltage regulators.
- ⤷
What are the PCB hole requirements for mounting this specific push-pin heat sink?
- ⤷ Can this heat sink be used without active airflow (passive cooling)?
- ⤷ How does the T766 thermal material compare to standard thermal grease?