ATS-17F-91-C2-R0
AI

The **ATS-17F-91-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" series designed for cooling processors and other high-heat surface-mount components.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Base Dimensions** | 40mm x 40mm |
| **Height** | 10.00mm |
| **Fin Style** | Straight |
| **Thermal Resistance** | 21.97°C/W (at natural convection) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Components
The part is engineered to maximize surface area within a small footprint to dissipate heat from electronic chips.
* **Fins:** The straight-fin design allows for efficient airflow, particularly in forced-air environments (using fans).
* **Attachment Mechanism:** It uses a **Push-Pin** system with a compression spring. This ensures consistent pressure on the component, improving thermal conductivity while being easy to install on a PCB.
* **Thermal Interface Material (TIM):** It comes with pre-applied **T766** phase-change material, which eliminates the need for manual thermal paste application and ensures a bubble-free contact between the chip and the aluminum base.
---
### 3. Common Applications
This heat sink is typically found in hardware where space is limited but heat dissipation is critical:
1. **Network Switches/Routers:** Cooling ASICs and high-speed processing units.
2. **Embedded Systems:** Industrial PCs or single-board computers.
3. **Power Supplies:** Managing heat for voltage regulators or power transistors.
---
### 4. Thermal Performance Comparison
Thermal performance varies significantly based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **Natural Convection** | 21.97 |
| **200 LFM** | 10.19 |
| **400 LFM** | 6.59 |
| **600 LFM** | 5.20 |
- ⤷
How does the 'C2' designation in the part number affect the material or finish?
- ⤷ What are the PCB hole requirements for the push-pin attachment used in this model?
- ⤷ How does this heat sink compare to a cross-cut fin design for turbulent airflow?