ATS-17F-89-C2-R0
AI

The **ATS-17F-89-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their high-performance heat sink product line, specifically the **maxiFLOW™** series.
Below is a detailed breakdown of its electronic and mechanical specifications.
### 1. Component Overview
This part is a high-performance heat sink designed for cooling electronic components such as CPUs, GPUs, FPGAs, or ASICs that generate significant heat during operation.
| Specification | Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-17F-89-C2-R0 |
| **Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Material** | Aluminum (Body) / Copper (optional base variants) |
| **Finish** | Blue Anodized |
---
### 2. Thermal Performance Data
The "C2" in the part number typically refers to the thermal interface material (TIM) or the specific coating. Thermal performance is measured by thermal resistance ($^\circ\text{C/W}$), where a lower number indicates better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (Unducted) | Thermal Resistance (Ducted) |
| :--- | :--- | :--- |
| **200 (1.0 m/s)** | 3.94 $^\circ\text{C/W}$ | 2.30 $^\circ\text{C/W}$ |
| **400 (2.0 m/s)** | 2.20 $^\circ\text{C/W}$ | 1.60 $^\circ\text{C/W}$ |
| **600 (3.0 m/s)** | 1.70 $^\circ\text{C/W}$ | 1.30 $^\circ\text{C/W}$ |
---
### 3. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring no interference with surrounding components (capacitors, inductors, etc.).
* **Length (A):** 35.00 mm
* **Width (B):** 35.00 mm
* **Height (C):** 30.00 mm
* **Pitch (E/F):** 40.00 mm (Distance between mounting holes)
---
### 4. Key Electronic/Mechanical Features
* **pushPIN™ Attachment:** The "R0" designation refers to the mounting kit. This system uses a flexible, spring-loaded mechanism that provides consistent pressure to the processor, improving thermal contact.
* **High Aspect Ratio Fins:** The maxiFLOW™ design features a graduated fin pattern that maximizes surface area for heat dissipation while minimizing pressure drop (airflow resistance).
* **Thermal Interface Material (TIM):** This part usually comes pre-applied with a high-conductivity thermal phase-change material or grease to bridge the microscopic gaps between the heat sink and the chip.
* **EMI Shielding Compatibility:** The design allows for airflow without significantly impacting the electromagnetic interference profiles of high-speed electronic boards.
---
### 5. Application Example
```python
# Conceptual Thermal Calculation
heat_generated_by_chip = 15.0 # Watts
ambient_temperature = 25.0 # Celsius
thermal_resistance = 2.20 # C/W at 400 LFM
# Calculate estimated chip temperature
chip_temp = ambient_temperature + (heat_generated_by_chip * thermal_resistance)
print(f"Estimated Chip Operating Temperature: {chip_temp} C")
# Result: 58.0 C
```
- ⤷
What is the specific spring tension provided by the pushPIN™ mechanism in this model?
- ⤷ Does this heat sink require a specific PCB hole diameter for mounting?
- ⤷ Are there alternative finishes to the Blue Anodized version for better radiation properties?