ATS-17F-50-C2-R0
AI

The **ATS-17F-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for securing the cooling element directly to a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The part number provides specific data regarding the dimensions, thermal resistance, and material properties.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Mounting Style** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions** | 35mm x 35mm x 15mm |
| **Thermal Resistance** | 19.03°C/W (at 100 LFM) |
| **Fin Style** | XC-Cut (Cross-cut) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of Components
#### A. The Heat Sink Body
* **XC-Cut Design:** The "XC" or cross-cut fin pattern allows for airflow from any direction (omnidirectional). This is ideal for enclosures where airflow patterns might be irregular.
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Finish:** Provides corrosion resistance and increases surface emissivity, which slightly improves radiant cooling.
#### B. The Attachment Mechanism (Push-Pin)
* **Brass Push-Pins:** These provide a secure, standardized attachment to the PCB. They are more reliable than adhesive tapes in high-vibration environments.
* **Compression Springs:** These ensure constant pressure (clamping force) between the heat sink and the electronic component (e.g., a BGA chip or MOSFET), which is critical for maximizing heat transfer.
#### C. Thermal Interface Material (TIM)
* **T766:** The unit comes with a pre-applied phase-change material or thermal pad. This fills the microscopic air gaps between the heat source and the heat sink base, significantly reducing thermal impedance.
---
### 3. Thermal Performance Profile
Thermal resistance (measured in °C/W) indicates how many degrees Celsius the component temperature will rise for every watt of power dissipated.
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Convection) | 19.03 |
| 200 (Low Flow) | 7.15 |
| 400 (Moderate Flow) | 4.36 |
| 600 (High Flow) | 3.43 |
---
### 4. Applications
The ATS-17F-50-C2-R0 is commonly used to cool:
* **BGA (Ball Grid Array) Components:** Such as Processors, FPGAs, and ASICs.
* **Telecommunications Equipment:** High-density boards where airflow is restricted.
* **Industrial Power Supplies:** Where mechanical stability (via push-pins) is required.
- ⤷How does the push-pin mounting compare to adhesive thermal tape?
- ⤷ What is the significance of 'LFM' in thermal performance?
- ⤷ Can this heat sink be used for custom PCB hole patterns?