ATS-17F-47-C2-R0
AI

The **ATS-17F-47-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 30.0mm |
| **Thermal Resistance** | 3.95° C/W (@ 100 LFM) |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment System
This part utilizes a standardized push-pin system. This is critical for electronic assemblies because:
* It ensures consistent **Contact Pressure** between the heat sink and the chip.
* It allows for rapid assembly and reduces the risk of damaging the PCB during installation.
#### B. Cross-Cut Fin Design
The "F" in the part number refers to the fin geometry. This heat sink uses a cross-cut pattern, which:
* Increases surface area for heat radiation.
* Supports **Omni-directional airflow**, meaning it works efficiently regardless of which direction the fan is blowing.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766** thermal phase change material.
* **Purpose:** To fill microscopic air gaps between the component and the heat sink base.
* **Effect:** Significantly lowers the thermal impedance, allowing heat to flow more freely into the aluminum fins.
---
### 3. Decoding the Part Number
The part number follows a specific nomenclature used by ATS:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **17** | Series Identifier |
| **F** | Fine Pitch / Fin Geometry |
| **47** | Size/Specific Model Reference |
| **C2** | Thermal Performance Level / Blue Anodized Finish |
| **R0** | Revision or RoHS Compliance status |
---
### 4. Applications in Electronics
* **Embedded Systems:** Cooling small-form-factor processors.
* **Telecommunications:** Cooling chips on routers and switches.
* **Power Supplies:** Managing heat for MOSFETs or voltage regulators in dense PCB layouts.
- ⤷
What are the differences between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can the push-pin hardware be replaced with screws for high-vibration environments?