công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-17F-28-C2-R0

  • AI
    The **ATS-17F-28-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and thermal characteristics: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) with Spring | | **Thermal Resistance** | 10.57°C/W (at 100 LFM) | | **Dimensions (L x W)** | 40mm x 40mm | | **Height (Height off Base)** | 15mm | | **Flow Orientation** | Top-to-Bottom (Straight Fin) | --- ### 2. Key Component Features * **Straight Fin Design:** This model features a straight fin geometry, which is ideal for systems with high-speed airflow. The gaps between the fins allow heat to be carried away efficiently by forced convection. * **Thermal Interface Material (TIM):** The "C2" suffix typically indicates that the part comes pre-applied with **T766** thermal phase change material. This ensures a low-resistance thermal path between the chip and the aluminum base. * **Push-Pin Attachment:** Instead of using adhesive tape (which can fail over time) or complex brackets, this part uses plastic push-pins and springs. This provides consistent pressure (preload) against the electronic component, optimizing heat transfer. --- ### 3. Electronic Application This heatsink is typically used in the following electronic contexts: 1. **Integrated Circuits (ICs):** Cooling FPGAs, ASICs, or processors that generate moderate heat in a small footprint. 2. **Power Electronics:** Dissipating heat from VRMs (Voltage Regulator Modules) on a PCB. 3. **Network Hardware:** Found in routers, switches, and telecommunication equipment where airflow is managed via chassis fans. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer: Advanced Thermal Solutions | | **17** | Series Number (Standard Push-Pin line) | | **F** | Fin Style (Straight Fin) | | **28** | Specific mechanical dimensions code | | **C2** | Thermal Interface Material (T766 Phase Change) | | **R0** | RoHS Compliant version |
    ✨ Follow-up Questions
    • ⤷ What are the alternative attachment methods to push-pins for this size of heatsink?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
    • ⤷ What is the recommended airflow rate (LFM) for this specific model to reach peak efficiency?