ATS-17F-08-C2-R0
AI

The **ATS-17F-08-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It is a high-performance heat sink designed for cooling electronic components like CPUs, GPUs, or power modules.
---
### 1. Technical Specifications
This part belongs to the **maxiFLOW™** series, which is characterized by its high-aspect-ratio fin design.
| Property | Value / Description |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Blue Anodized) |
| **Thermal Resistance** | ~4.76°C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal properties of the unit:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **17F**: Refers to the specific fin pattern and series (maxiFLOW).
* **08**: Internal size/category code for dimensions.
* **C2**: Indicates the material and finish (typically aluminum with a blue anodized coating).
* **R0**: Version/Revision code.
---
### 3. Key Electronic/Thermal Features
#### A. Fin Geometry (maxiFLOW™)
The "F" in the part number indicates a flared fin design. These fins spread outward, which maximizes the surface area for heat dissipation while maintaining a low pressure drop. This is crucial in electronics where airflow is limited.
#### B. pushPIN™ Attachment
Unlike simple adhesive tapes, the **pushPIN™** system uses a flexible, spring-loaded mechanism.
* **Purpose:** It ensures a specific amount of pressure is applied between the heat sink and the electronic chip.
* **Benefit:** Provides a more reliable thermal connection and prevents the heat sink from shifting during vibration or shipping.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base.
* **Function:** It fills the microscopic air gaps between the chip surface and the heat sink base.
* **Benefit:** Dramatically reduces thermal impedance, allowing heat to flow efficiently out of the semiconductor.
---
### 4. Typical Applications
This component is used in environments where heat management is critical for electronic longevity:
* **Networking:** Routers, switches, and high-speed modems.
* **Industrial PC:** Embedded systems and compact servers.
* **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What are the different attachment options for the pushPIN system?
- ⤷ How does the thermal resistance of this part change at higher airflow speeds?
- ⤷ Is the T766 interface material electrically conductive or insulative?