ATS-17F-05-C2-R0
AI

The **ATS-17F-05-C2-R0** is a specific electronic cooling component, categorized as a high-performance **Heat Sink**. It is manufactured by **Advanced Thermal Solutions (ATS)** and belongs to their "push pin" series.
Below is a detailed breakdown of its specifications and electronic/mechanical properties.
---
### 1. General Specifications
The ATS-17F-05-C2-R0 is designed for cooling electronic components such as CPUs, GPUs, or power transistors that require efficient heat dissipation in a compact form factor.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push Pin (Spring Loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 11.54°C/W (Unducted Flow @ 200 LFM) |
---
### 2. Physical Design & Dimensions
The physical geometry of the heat sink determines how effectively it transfers heat from the silicon die to the surrounding air.
* **Height (25mm):** The "05" in the part number indicates a specific profile height (25mm). This is considered a medium-profile heat sink, suitable for 1U or 2U chassis.
* **Base Dimensions (40mm x 40mm):** Matches standard BGA (Ball Grid Array) or FPGA footprints.
* **Fin Style:** It utilizes a **Fine Pitch Cross-Cut** pattern. This creates a large surface area and allows for airflow from multiple directions, which is critical for systems with varying fan orientations.
---
### 3. Thermal Performance (Electronic Cooling)
In electronics, thermal management is measured by Thermal Resistance ($R_{th}$). Lower values indicate better cooling.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 11.54 |
| 400 (2.0 m/s) | 4.37 |
| 600 (3.0 m/s) | 2.97 |
*Note: At higher air speeds, the cooling efficiency increases significantly.*
---
### 4. Mounting & Interface
The **C2-R0** suffix provides information about the finish and the mounting hardware:
* **Push Pin (Brass/Plastic):** The assembly uses a spring-loaded push pin system. This ensures a consistent "Normal Force" is applied to the electronic component, preventing the heat sink from shifting and ensuring optimal contact with the Thermal Interface Material (TIM).
* **C2:** Refers to the **Blue Anodized** finish, which provides corrosion resistance and a slight increase in emissivity for radiant cooling.
* **R0:** Indicates compliance with standard industry environmental regulations (RoHS).
---
### 5. Application Context
This part is typically used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFET arrays or voltage regulator modules (VRMs).
- ⤷
What type of Thermal Interface Material (TIM) is recommended for this heat sink?
- ⤷ How do I calculate the required airflow (LFM) for my specific component's TDP?
- ⤷ Are there different spring tensions available for the push pin mounting system?