ATS-17D-41-C2-R0
AI

The **ATS-17D-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ HS |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-pin (Plastic/Brass) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm |
| **Thermal Resistance** | 10.03 °C/W (at 100 LFM) |
---
### 2. Design and Component Breakdown
#### A. Fin Geometry (Cross-Cut)
The "D" in the part number indicates a **Cross-Cut** fin pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow. This makes it more efficient in systems where the direction of the cooling fan's exhaust might be turbulent or non-linear.
#### B. Attachment Mechanism (pushPIN™)
The part features a specialized push-pin system designed for secure PCB mounting.
* **Compression Spring:** Ensures consistent pressure (clamped load) between the heatsink and the component to minimize thermal interface resistance.
* **Plastic/Brass Pins:** Allow for quick and reliable installation without the need for complex mounting brackets.
#### C. Thermal Interface Material (TIM)
The **"C2"** code in the part number typically signifies the pre-applied thermal material.
* **T766 Phase Change Material:** This is usually applied to the base of the heatsink to bridge the microscopic air gaps between the heatsink and the chip, ensuring maximum heat transfer.
---
### 3. Thermal Performance (Airflow)
The efficiency of this part depends heavily on the velocity of air (Measured in Linear Feet per Minute - LFM) passing through the fins:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 10.03 |
| 300 (1.5 m/s) | 3.65 |
| 500 (2.5 m/s) | 2.37 |
| 700 (3.5 m/s) | 1.85 |
---
### 4. Part Number Decoder
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **17:** Series (pushPIN™ Heatsink)
* **D:** Fin Pattern (Cross-Cut)
* **41:** Length/Width dimension code
* **C2:** Thermal Interface Material / Color code
* **R0:** RoHS compliant version
- ⤷What is the difference between straight-fin and cross-cut heatsinks in airflow efficiency?
- ⤷ How do I calculate if the 10.03 °C/W resistance is sufficient for my 15W component?
- ⤷ What are the PCB hole diameter requirements for the ATS push-pin system?