công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-17D-29-C2-R0

  • AI
    The **ATS-17D-29-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions, Inc. (ATS)**. It is a high-performance **heat sink** designed for cooling electronic components such as CPUs, GPUs, or power transistors. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the physical and thermal characteristics of the cooling solution. | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. | | **Series** | pushPIN™ HS | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Thermal Resistance** | 7.57° C/W @ 100 LFM (Linear Feet per Minute) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm | | **Flow Orientation** | Vertical Fin (Straight) | --- ### 2. Breakdown of the Part Number The alphanumeric code provides details on the size, attachment, and material: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **17D**: Specific sub-series (high-performance straight fin). * **29**: Size/Product identifier. * **C2**: Material and Thermal Interface Material (TIM) code. "C2" typically indicates a specific thermal tape or grease is pre-applied. * **R0**: RoHS Compliance status (Lead-free/Compliant). --- ### 3. Key Electronic Cooling Features #### Thermal Performance This heat sink is designed for **forced air cooling**. As airflow increases, the thermal resistance drops significantly. For example: * At **100 LFM**: 7.57° C/W * At **700 LFM**: 1.70° C/W #### Attachment Mechanism (pushPIN™) Instead of messy adhesives or heavy screw mounts, this part uses a **spring-loaded push-pin** mechanism. * **Precision:** Ensures even pressure across the component for maximum heat transfer. * **Installation:** Requires pre-drilled holes in the PCB (Printed Circuit Board). * **Reliability:** The springs maintain consistent contact even under mechanical vibration. #### Material and Finish The **Aluminum 6063** construction offers a balance of lightweight design and high thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it protects the aluminum from corrosion and slightly improves heat radiation. --- ### 4. Typical Applications * **Networking Equipment:** High-speed routers and switches. * **Industrial PCs:** Cooling embedded processors in harsh environments. * **Power Electronics:** Dissipating heat from MOSFETs or voltage regulators.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the pushPIN attachment?
    • ⤷ How does 'C2' differ from 'C1' in the ATS part numbering system?
    • ⤷ Can this heat sink be used for passive cooling without a fan?