ATS-17D-101-C2-R0
AI

The **ATS-17D-101-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure system stability.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties.
| Parameter | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink (Push-Pin) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Fin Style** | Straight |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 6.67°C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | T766 (High Performance) |
---
### 2. Physical Design Features
The construction of this part is optimized for airflow and ease of assembly:
* **Heat Sink Profile:** The 30mm height provides a significant surface area for cooling without a massive footprint, making it ideal for medium-profile server or industrial enclosures.
* **Fin Configuration:** The straight-fin design is optimized for environments with forced-air cooling (fans).
* **Push-Pin Attachment:** This model uses a spring-loaded push-pin mechanism. This provides a consistent, high-pressure contact between the heat sink and the electronic component, which is crucial for efficient heat transfer.
* **Blue Anodized Finish:** The anodized coating not only protects the aluminum from oxidation but also improves radiation heat transfer.
---
### 3. Application Use Cases
This specific part is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling of networking processors and ASICs.
2. **Embedded Systems:** High-power industrial computers.
3. **Power Electronics:** Dissipating heat from high-current voltage regulators or power modules.
### 4. Mounting Diagram Logic
The attachment method is designed for a PCB with pre-drilled holes.
```markdown
[ Push-Pin ] [ Heat Sink ] [ Push-Pin ]
| | | | | |
___|_|_________________|_|_________________|_|___
| |
| ALUMINUM HEAT SINK BODY |
|_________________________________________________|
| | | |
[ Spring ] [ Spring ]
-------------------------------------------------------
[ PCB / MOTHERBOARD ]
```
---
- ⤷
What is the hole pattern spacing required for the push-pin mounting on this model?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there alternative fin styles (like cross-cut) available in this size?