ATS-17B-76-C2-R0
AI

The **ATS-17B-76-C2-R0** is a specific electronic component categorized as a **High-Performance Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It belongs to the **push-pin** attachment series, designed for cooling integrated circuits (ICs) and other electronic components.
---
### 1. Technical Specifications
Below are the primary technical parameters for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 11.57°C/W (Unducted Flow @ 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 25.00mm x 25.00mm x 15.00mm |
| **TIM (Thermal Interface Material)** | T766 (Pre-applied) |
---
### 2. Physical Design Features
The ATS-17B-76-C2-R0 is engineered for specific airflow conditions:
* **Fin Pattern:** It uses a **Fine Pitch** fin design. This increases the surface area for heat dissipation, making it highly effective in environments with forced air (fans).
* **Push-Pin Mounting:** Unlike adhesive-based heat sinks, this uses a mechanical push-pin system. This ensures a consistent pressure (compression) against the chip, improving heat transfer efficiency.
* **Aluminum Construction:** Aluminum is chosen for its excellent thermal conductivity-to-weight ratio, ensuring the component doesn't add excessive mass to the PCB.
---
### 3. Applications and Usage
This part is commonly found in the following electronic sectors:
1. **Telecommunications:** Cooling high-speed data processing chips in routers and switches.
2. **Embedded Systems:** Protecting microprocessors in industrial controllers.
3. **Power Electronics:** Managing heat for voltage regulators or small MOSFET arrays.
4. **Consumer Electronics:** Used on GPUs or specialized ASICs where space is constrained but thermal loads are high.
---
### 4. Thermal Performance Comparison
The efficiency of the heat sink changes based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 11.57 |
| 300 | 1.5 | 4.42 |
| 500 | 2.5 | 3.17 |
| 700 | 3.5 | 2.61 |
---
- ⤷
How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ What is the recommended PCB hole size for the push-pin attachment on this model?
- ⤷ Is there a low-profile version of the ATS-17 series available?