ATS-17B-75-C3-R0
AI

The **ATS-17B-75-C3-R0** is a specific electronic cooling component known as a **Heat Sink**. It is part of the "Advanced Thermal Solutions" (ATS) product line, specifically designed for high-performance thermal management in electronic circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Here are the core specifications for this unit:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Push-Pin Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 25mm x 25mm x 30mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | ~5.20° C/W (at 200 LFM) |
| **Thermal Interface Material (TIM)** | T412 (Double-sided adhesive/pad) |
---
### 2. Design Characteristics
This heat sink is engineered for versatility and high efficiency in confined spaces.
* **Fin Style (Straight Fin):** The "Straight Fin" design is optimized for high-performance airflow environments. It allows air to pass through the fins with minimal resistance, effectively carrying heat away from the semiconductor.
* **The Push-Pin Mechanism:** Instead of using messy thermal glues, this part uses pre-assembled push-pins and springs. This ensures even pressure across the chip, which improves thermal transfer and makes assembly repeatable on a production line.
* **Material Choice:** The aluminum body provides a lightweight solution with high thermal conductivity, while the blue anodized finish provides corrosion resistance and increased surface emissivity.
---
### 3. Electronic Application
The ATS-17B-75-C3-R0 is typically used to cool the following types of electronic components:
1. **BGA (Ball Grid Array) Packages:** Common in high-speed processors or FPGAs.
2. **Power MOSFETs:** When grouped together, these heat sinks can manage the thermal load of power conversion circuits.
3. **Network Processors:** Often found in routers and switches where constant airflow is present.
---
### 4. Thermal Performance Overview
Thermal resistance is critical. As the air velocity (Measured in Linear Feet per Minute - LFM) increases, the cooling efficiency improves:
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Unducted) | 15.20 |
| 300 (Unducted) | 4.00 |
| 500 (Unducted) | 3.10 |
---
- ⤷
How does the 'C3' code in the part number specifically relate to the material or finish?
- ⤷ What are the advantages of using Push-Pins over thermal tape for this specific model?
- ⤷ Is this heat sink suitable for natural convection environments or does it require a fan?