ATS-17A-159-C2-R0
AI

The **ATS-17A-159-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. This part is designed to cool electronic components like CPUs, GPUs, or power transistors by dissipating heat into the surrounding air.
---
### 1. Technical Specifications
Below are the key electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.09 °C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Breakdown of the Part Number
Understanding the nomenclature helps identify the specific capabilities of the unit:
- **ATS**: Advanced Thermal Solutions (The Brand).
- **17A**: Refers to the "push-pin" series line.
- **159**: The specific model/size configuration.
- **C2**: Indicates the material/finish (Aluminum with a Blue Anodized finish).
- **R0**: Revision code.
---
### 3. Key Electronic Functions
While the heatsink itself is a passive mechanical component, it serves critical roles in an electronic circuit:
#### A. Thermal Management
It increases the surface area of the component it is mounted on (such as an Integrated Circuit). By using a **Straight Fin** design, it allows air to flow through the channels, lowering the junction temperature of the semiconductor.
#### B. Electrical Insulation (Anodization)
The "Blue Anodized" finish is not just for aesthetics. Anodization creates an oxide layer that provides a degree of electrical insulation, preventing short circuits if the heatsink accidentally comes into contact with surrounding exposed traces, while still maintaining high thermal conductivity.
#### C. Push-Pin Mounting System
Unlike adhesive-based heatsinks, this part uses a **spring-loaded push-pin** mechanism. This ensures:
1. **Constant Pressure:** Maintains a consistent interface between the chip and the heatsink.
2. **Reliability:** Prevents the heatsink from shifting due to mechanical vibration or thermal expansion.
---
### 4. Application Environments
This part is typically found in:
- **Telecommunications:** High-speed routers and switches.
- **Embedded Systems:** Industrial motherboards.
- **Power Supplies:** Cooling MOSFETs or voltage regulators.
- ⤷
What is the significance of the T766 Thermal Interface Material mentioned?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the performance of this heatsink?
- ⤷ Can this heatsink be used on components smaller than 45x45mm?