ATS-16F-97-C2-R0
AI

The **ATS-16F-97-C2-R0** is a specific high-performance electronic component designed for thermal management. Specifically, it is a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*, belonging to their "push pin" series.
---
### 1. Technical Specifications
Below are the primary technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16F-97-C2-R0 |
| **Type** | Top Mount (Heat Sink) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 10mm |
| **Thermal Resistance** | 20.30°C/W (Natural Convection) |
---
### 2. Physical Design and Construction
The design of the ATS-16F-97-C2-R0 is optimized for specific airflow environments:
* **Fin Style (XC Cut):** It features a cross-cut (straight fin) design. This allows for multi-directional airflow, making it efficient even if the air direction in the chassis changes.
* **Material:** Made from high-grade aluminum for a balance of weight and thermal conductivity.
* **Surface Treatment:** The **Blue Anodized** finish is not just for aesthetics; it provides surface protection against corrosion and slightly increases emissivity for better radiation heat transfer.
### 3. Attachment Mechanism: Push-Pins
One of the defining features of the "16F" series is the mounting hardware:
* **Spring-Loaded Push Pins:** It uses two plastic push-pins with a compressed spring.
* **Function:** This ensures a constant, specific pressure (preload) between the heatsink and the electronic component (like a CPU, FPGA, or GPU), which maximizes the efficiency of the Thermal Interface Material (TIM).
* **TIM:** This model typically comes with **pre-applied Phase Change Material (T766)**, which melts during operation to fill microscopic gaps between the chip and the heatsink.
---
### 4. Naming Convention Breakdown
The part number can be decoded as follows:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16:** Design series (Push-pin style).
* **F:** Fin pitch/style configuration.
* **97:** Size and height code.
* **C2:** Material/Finish code (Blue Anodized Aluminum).
* **R0:** Revision/Packaging code.
- ⤷
What are the PCB hole size requirements for installing this heatsink?
- ⤷ How does the thermal resistance change under forced air convection (CFM)?
- ⤷ Can the plastic push-pins be replaced with metal ones for high-vibration environments?