ATS-16F-60-C2-R0
AI

### Technical Overview of ATS-16F-60-C2-R0
The **ATS-16F-60-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** series, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-power ICs.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 1.45°C/W (at 200 LFM) |
| **Weight** | ~40.0 grams |
| **Dimensions** | 45mm x 45mm x 25mm |
---
### 2. Component Features
* **Heat Sink Material:** Constructed from high-quality aluminum, which offers excellent thermal conductivity while remaining lightweight.
* **Fin Design:** Features a **fine-pitch** straight fin design. This maximizes surface area, allowing for efficient heat dissipation when used with forced airflow (fans).
* **Thermal Interface Material (TIM):** This part number typically comes with **T766** pre-applied thermal phase-change material, ensuring high-quality contact between the heat sink and the electronic component.
* **Attachment Mechanism:** The `pushPIN™` system utilizes a brass pin and a stainless steel spring. This provides a precise, calculated pressure (load) to the component, which is critical for maximizing thermal transfer without damaging the chip.
---
### 3. Thermal Performance Metrics
The effectiveness of the heat sink depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.51 |
| 200 (1.0 m/s) | 1.45 |
| 300 (1.5 m/s) | 1.13 |
| 400 (2.0 m/s) | 0.98 |
---
### 4. Part Number Breakdown
The nomenclature follows a specific logic:
* **ATS-16**: Series identifier.
* **F**: Fin pitch/type.
* **60**: Component-specific dimensions or designators.
* **C2**: Material/Finish code (Blue Anodized).
* **R0**: Revision or specific packaging code.
---
- ⤷
What are the mounting hole requirements for the pushPIN system on this model?
- ⤷ How does Blue Anodized finish impact the thermal performance compared to bare aluminum?
- ⤷ Can this heat sink be used for passive cooling applications?