ATS-16F-55-C2-R0
AI

## Electronic Specifications: ATS-16F-55-C2-R0
The **ATS-16F-55-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is specifically designed for high-component density electronic packages.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-16F-55-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 2.39°C/W (at 200 LFM) |
| **Dimension (L x W x H)** | 35mm x 35mm x 10mm |
| **Flow Direction** | XCUT (Cross-Cut) |
---
### 2. Physical Design & Construction
* **XCUT (Cross-Cut) Pattern:** The fin design is cross-cut, which allows for omnidirectional airflow. This makes it ideal for PCBs where the direction of the airflow from fans might be unpredictable or multi-directional.
* **Low Profile:** With a height of only 10mm, this part is intended for systems with tight vertical clearances (e.g., 1U servers or mobile devices).
* **Blue Anodized Coating:** The blue anodizing is not just for aesthetics; it provides surface protection and slightly improves radiation heat transfer.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part moves heat away from the component. For this model:
* **@ 100 LFM (0.5 m/s):** 4.84 °C/W
* **@ 200 LFM (1.0 m/s):** 2.39 °C/W
* **@ 500 LFM (2.5 m/s):** 1.47 °C/W
---
### 4. Mounting System
The **-R0** suffix indicates the specific mounting hardware included:
* **Push-Pins:** Uses a plastic push-pin system with a brass spring.
* **Hole Pattern:** Requires pre-drilled holes in the PCB.
* **TIM (Thermal Interface Material):** Usually comes pre-applied with **T766** high-performance phase-change material or similar, ensuring a low-resistance path between the chip and the aluminum.
---
### 5. Common Applications
* **BGA Cooling:** Used for Field Programmable Gate Arrays (FPGAs) and Application Specific Integrated Circuits (ASICs).
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** Industrial PCs where passive or semi-passive cooling is required.
- ⤷
What are the PCB hole size requirements for the push-pin mounting on this heat sink?
- ⤷ How does the XCUT fin design compare to straight fin designs in terms of airflow efficiency?
- ⤷ Is there a version of this heat sink that uses thermal tape instead of push-pins?