ATS-16F-34-C2-R0
AI

The **ATS-16F-34-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-efficiency cooling in restricted spaces.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 70.00mm x 45.00mm |
| **Height** | 22.86mm |
| **Thermal Resistance** | 3.81°C/W @ 200 LFM (Linear Feet per Minute) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Spring Material** | Brass (Standard) |
---
## 2. Key Design Elements
### A. Fin Configuration
The "F" in the part number indicates a **Fine Pitch** straight fin design. This maximizes the surface area available for heat dissipation, making it ideal for systems with high-velocity airflow (forced convection).
### B. pushPIN™ Attachment System
This part uses a proprietary attachment mechanism designed to provide:
* **Constant Pressure:** Ensures optimal thermal interface material (TIM) performance.
* **Easy Installation:** Uses pre-drilled holes in the PCB, reducing the risk of component damage during assembly.
* **Mechanical Stability:** Prevents the heat sink from shifting under vibration or shock.
### C. Thermal Interface Material (TIM)
The "R0" suffix generally refers to the specific revision or packaging, but these units typically come with **pre-applied high-performance thermal phase-change material** or a thermal pad to ensure low contact resistance between the heat sink and the chip.
---
## 3. Applications
This specific heat sink is commonly used in electronic environments where space is premium but heat density is high, such as:
* **Network Switches and Routers:** Cooling ASICs and FPGAs.
* **Industrial Power Supplies:** Managing heat in MOSFETs or IGBTs.
* **Embedded Computing:** Cooling processors in high-density rack-mount servers.
---
- ⤷
What is the hole pattern requirement for the pushPIN attachment on this model?
- ⤷ How does the thermal resistance change at higher LFM (airflow) speeds?
- ⤷ Are there alternative materials available for the spring pins to resist corrosion?