ATS-16F-27-C2-R0
AI

The **ATS-16F-27-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed for cooling integrated circuits (ICs) and other electronic components on a PCB.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions. Below is the breakdown of its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink (Push-pin Attachment) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 12.24°C/W (at 1.0 m/s airflow) |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
---
### 2. Functional Components
This part consists of three primary electronic/mechanical sub-parts:
1. **Heat Sink Body:** A square aluminum block with a 45mm footprint. The straight fins increase the surface area to dissipate heat into the surrounding air via convection.
2. **Push-Pins:** These are precision-machined brass pins that pass through pre-drilled holes in the PCB. They provide a secure mechanical connection without the need for adhesive.
3. **Compression Springs:** These are located on the push-pins to ensure constant downward pressure (TIM - Thermal Interface Material pressure). This minimizes air gaps between the heat sink and the chip.
---
### 3. Thermal Performance Table
Thermal resistance indicates how effectively the part moves heat away from the electronic component. Lower values are better at higher airflows.
| Air Velocity (LFM) | Air Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 12.24 |
| 400 | 2.0 | 4.67 |
| 600 | 3.0 | 3.16 |
| 800 | 4.0 | 2.53 |
---
### 4. Application and Installation
* **Target Components:** Used for BGA (Ball Grid Array) chips, CPUs, and GPUs in telecommunications and networking equipment.
* **Attachment:** Requires two 3mm holes in the PCB, spaced according to the 38mm hole pattern of this specific model.
* **Thermal Interface:** This part is typically used with a **Thermal Pad** or **Thermal Paste** (pre-applied in many "C2" configurations) to bridge the microscopic gaps between the chip surface and the aluminum.
- ⤷
What are the PCB hole requirements for the ATS-16F-27-C2-R0?
- ⤷ What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How does air velocity impact the thermal resistance of this specific part?