ATS-16F-24-C2-R0
AI

The **ATS-16F-24-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" series designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push-Pin (Standard) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.36°C/W (Unducted Flow @ 200 LFM) |
| **Attachment Method** | Push-pin with a compression spring |
---
## 2. Dimensional Data
The dimensions are critical for ensuring the heat sink fits within the PCB layout and clears surrounding components.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length (A)** | 45.00 mm |
| **Width (B)** | 45.00 mm |
| **Height (C)** | 25.00 mm |
| **Hole Spacing (E)** | 38.00 mm |
| **Hole Spacing (F)** | 38.00 mm |
---
## 3. Key Electronic Cooling Features
### A. Thermal Interface Material (TIM)
The **"C2"** in the part number indicates that this unit comes pre-applied with **T766** thermal phase change material. This ensures optimal heat transfer from the electronic component to the aluminum fins without needing separate thermal paste.
### B. Push-Pin Attachment
The assembly uses a flexible, industry-standard attachment system:
* **Springs:** Provides consistent pressure to ensure the TIM stays in contact with the die.
* **Push-pins:** Nylon or brass pins that lock into pre-drilled holes in the PCB.
### C. Fin Geometry
This model features a **Fine Pitch** or **Cross-Cut** design. The "F" in the part number typically denotes a specific fin density intended for high-airflow environments where a low pressure drop is required to move heat away quickly.
---
## 4. Part Number Breakdown
* **ATS**: Advanced Thermal Solutions.
* **16**: Series number.
* **F**: Fin pitch/style.
* **24**: Height code (approx. 25mm).
* **C2**: Thermal Interface Material type (T766).
* **R0**: RoHS compliance and revision status.
- ⤷
What is the thermal resistance of this heat sink at 400 LFM airflow?
- ⤷ Are there specific PCB hole diameter requirements for the push-pins used in this model?
- ⤷ Can this heat sink be used with a custom clip instead of the standard push-pins?