công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16F-20-C2-R0

  • AI
    ## Technical Overview of ATS-16F-20-C2-R0 The **ATS-16F-20-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed as a thermal management solution for electronic components like CPUs, GPUs, and power modules. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Thermal Resistance** | 7.14°C/W (at 100 LFM) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin | | **Dimension (Length/Width)** | 45.00 mm x 45.00 mm | | **Height (from base)** | 25.00 mm | --- ### 2. Electronic & Mechanical Components The "Electronic Part" designation for this item refers to its mechanical role in an electronic assembly. It consists of three primary sub-components: #### A. The Fin Structure (Heat Dissipator) * **Design:** This model features **Straight Fins**. * **Purpose:** The fins increase the surface area of the aluminum, allowing heat to transfer more efficiently from the component into the surrounding air. * **Performance:** The high-density fin arrangement is optimized for forced air (fan-cooled) environments. #### B. The Push-Pin Attachment * **Mechanism:** Uses a spring-loaded push-pin system. * **Benefit:** Provides consistent pressure (preload) on the electronic component (e.g., a BGA chip). This ensures maximum contact with the thermal interface material (TIM). * **Material:** Typically made of brass or plastic with a stainless steel spring. #### C. Thermal Interface Material (TIM) * **Pre-Applied:** This specific part number usually comes with **T766** thermal phase change material or grease pre-applied to the base. * **Function:** Fills microscopic air gaps between the heat sink base and the electronic chip to lower thermal resistance. --- ### 3. Part Number Breakdown To understand the specific configuration, here is the nomenclature for **ATS-16F-20-C2-R0**: 1. **ATS-16**: The series identifier. 2. **F**: Indicates the fin pitch (Fine). 3. **20**: Represents the specific height or configuration code. 4. **C2**: Refers to the thermal performance and material (Aluminum, Blue Anodized). 5. **R0**: Revision code or packaging indicator. --- ### 4. Applications in Electronics * **BGA Cooling:** Primarily used for Ball Grid Array (BGA) packages. * **Telecommunications:** Used in routers and switches. * **Embedded Systems:** Ideal for industrial PCs where vertical space (25mm) is available. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'Fine' and 'Ultra-Fine' fin pitch in the ATS series?
    • ⤷How do I calculate if the 7.14\u00b0C/W thermal resistance is sufficient for my specific CPU?
    • ⤷Are there alternative attachment methods to Push-Pins for this heat sink size?