công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16F-189-C2-R0

  • AI
    The part number **ATS-16F-189-C2-R0** refers to a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components like CPUs, GPUs, or high-power transistors. --- ## 1. Component Specifications The following table breaks down the primary physical and thermal characteristics of this specific model: | Characteristic | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Thermal Resistance** | 2.43°C/W (at 100 LFM) | | **Attachment Method** | pushPIN™ (Spring-loaded bolts) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 20.00mm | | **Fin Type** | Fine Pitch (straight fins) | --- ## 2. Technical Breakdown of Part Number The alphanumeric code describes every feature of the cooling solution: * **ATS**: The manufacturer (Advanced Thermal Solutions). * **16**: The size or specific series within the product line. * **F**: The fin type (generally indicates a specific fin pattern/density). * **189**: The specific model identifier within that fin series. * **C2**: Indicates the material/finish (C2 usually refers to **Blue Anodized** aluminum). * **R0**: Refers to the revision or packaging version. --- ## 3. Key Electronic Functions While a heatsink is a passive mechanical part, its role in an electronic circuit is critical for performance and longevity: ### Thermal Management The primary function is to increase the surface area of a heat-generating component. This allows the heat to dissipate into the surrounding air via **convection**. ### pushPIN™ Attachment This part uses a specific mounting mechanism called **pushPIN™**. It features: * **Built-in Springs:** Ensures consistent pressure (clamping force) on the electronic chip, which optimizes the thermal interface. * **Easy Installation:** Uses pre-drilled holes in the PCB, eliminating the need for messy adhesives. ### Fin Design The "Fine Pitch" design is optimized for high-airflow environments. The straight fins allow air to pass through with low resistance, making it ideal for devices with dedicated cooling fans. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Blue Anodized and Black Anodized finishes in thermal performance?
    • ⤷ How do I calculate the required Thermal Resistance (C/W) for my specific chip?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for this heatsink?