công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16F-175-C2-R0

  • AI
    The **ATS-16F-175-C2-R0** is a high-performance electronic component specifically designed for thermal management. It is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "pushPIN™" series. --- ## 1. Technical Specifications Below are the primary physical and thermal characteristics of the part: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 10.00mm | | **Pitch** | Fine-Pitch | | **Pattern** | XC-CUT | | **Thermal Resistance** | 13.52 °C/W (at 100 LFM) | --- ## 2. Key Component Features The part number is a coded string that defines its physical properties: ### A. Push-Pin Mounting System This component uses a **pushPIN™** attachment mechanism. This consists of a plastic or brass pin and a stainless steel spring. * **Benefits:** Ensures consistent pressure (clamping force) for optimal heat transfer and prevents the heat sink from shifting during vibration. * **Hardware:** Usually paired with a specific spring (e.g., ATS-HK176-R0). ### B. Fin Design & Airflow The "XC-CUT" design features a cross-cut fin pattern. * **Efficiency:** Designed for high-performance cooling in tight spaces. * **Airflow:** It is optimized for both natural convection and forced air (fan-assisted) cooling. ### C. Thermal Interface Material (TIM) The part comes pre-applied with **T766** thermal interface material. * **Function:** This is a high-conductivity grease or pad that fills microscopic air gaps between the CPU/chipset and the heat sink base, significantly reducing thermal resistance. --- ## 3. Applications This specific heat sink is typically used for: * **Processors (CPUs/GPUs):** For low-profile computing devices. * **ASICs and FPGAs:** High-speed integrated circuits that generate localized heat. * **Telecommunications:** Networking equipment where vertical space (10mm height) is limited. --- ## 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **ATS** | Manufacturer (Advanced Thermal Solutions) | | **16** | Series Type | | **F** | Fin Attachment Style | | **175** | Specific Design Profile | | **C2** | Thermal Performance Grade / Material Code | | **R0** | RoHS Compliant / Revision Level |
    ✨ Follow-up Questions
    • ⤷ What is the difference between XC-CUT and straight fin designs in heat sinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
    • ⤷ Can the push-pin mounting be replaced with adhesive tape for this specific model?