ATS-16F-17-C2-R0
AI

## Technical Analysis of ATS-16F-17-C2-R0
The **ATS-16F-17-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **pushPIN™** series, designed for efficient cooling of electronic components like CPUs, GPUs, or power transistors.
---
### 1. Key Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 54.00mm x 54.00mm |
| **Height** | 12.70mm |
| **Thermal Resistance** | 15.44°C/W (Unducted) |
| **Fin Pitch** | XCUT (Cross-cut) |
| **Compliance** | RoHS and REACH Compliant |
---
### 2. Design and Component Breakdown
#### A. The Heat Sink Body
* **Fin Style (XCUT):** The "XCUT" geometry features a cross-cut pattern. This allows for multi-directional airflow, making it ideal for systems where air direction might change or where space is constrained.
* **Material (Aluminum 6063):** Chosen for its excellent thermal conductivity and lightweight properties.
* **Finish (Blue Anodized):** The anodized coating increases corrosion resistance and emissivity, slightly improving radiant heat transfer.
#### B. The pushPIN™ Attachment System
This part uses a specialized mounting mechanism rather than thermal tape:
* **Plastic Push Pins:** These snap into pre-drilled holes in the PCB.
* **Stainless Steel Springs:** Provide a precise, consistent "Compression Force" to ensure the heat sink remains in firm contact with the component.
* **Ease of Assembly:** It allows for quick installation and removal without the need for tools.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates that the part comes with a **pre-applied Thermal Interface Material** (usually a high-performance phase-change material or grease). This ensures maximum heat transfer from the chip to the aluminum base.
---
### 3. Thermal Performance Metrics
The effectiveness of this heat sink depends on the airflow (LFM - Linear Feet per Minute):
* **100 LFM (0.5 m/s):** 15.44 °C/W
* **400 LFM (2.0 m/s):** 2.28 °C/W
* **700 LFM (3.5 m/s):** 1.48 °C/W
*Note: A lower °C/W value indicates better cooling performance.*
---
### 4. Applications
* **Computing:** Northbridge/Southbridge chipsets.
* **Networking:** Routers, switches, and high-speed modems.
* **Power Electronics:** Cooling for MOSFETs or Voltage Regulators.
---
- ⤷
What is the difference between XCUT and straight fin designs in heat sinks?
- ⤷ How do I calculate if the 12.7mm height is sufficient for my PCB clearance?
- ⤷ Can the pushPIN mechanism be reused if the heat sink is removed?