ATS-16F-152-C2-R0
AI

The **ATS-16F-152-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for electronic cooling applications.
Below is a detailed breakdown of its specifications and electronic integration characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Resistance** | 3.32°C/W (at 100 LFM) |
| **Dimensions** | 35mm x 35mm x 25mm |
| **Base Shape** | Square |
---
### 2. Design and Component Characteristics
#### A. Fin Geometry (Fine Pitch)
The part uses a **Straight Fin** design. This is optimized for electronic environments where airflow is directed through a specific channel. The 25mm height provides a larger surface area for heat dissipation compared to low-profile variants.
#### B. The pushPIN™ Attachment System
Instead of using messy thermal adhesives or tapes, this component uses a mechanical **Push-Pin** system.
* **Compression Spring:** Ensures a consistent "clamping force" on the electronic chip (IC).
* **Reliability:** Reduces the risk of the heat sink falling off due to vibration or thermal expansion.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a **pre-applied thermal interface material**. This is a phase-change or pad-based material that fills the microscopic air gaps between the semiconductor die and the aluminum base, significantly lowering thermal resistance.
---
### 3. Electronic Application Use-Cases
This heat sink is sized for medium-power electronic components, including:
1. **Microprocessors/FPGAs:** Cooling central processing units in embedded systems.
2. **Power Converters:** Managing heat in DC-DC converters or high-speed switching power supplies.
3. **Network Switches:** Cooling high-traffic ASICs in telecommunications equipment.
---
### 4. Thermal Performance Comparison
Thermal resistance (measured in °C/W) determines how well the part moves heat away from the electronics.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural Conv.) | 3.32 |
| 200 | 2.06 |
| 300 | 1.69 |
| 500 | 1.34 |
---
- ⤷
What is the difference between Blue Anodized and other finishes for heat sinks?
- ⤷ How do I calculate the required airflow for this specific heat sink?
- ⤷ Can this heat sink be used with a custom clip instead of push-pins?