ATS-16F-149-C2-R0
AI

The **ATS-16F-149-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "push-pin" series designed for cooling processors and other high-heat surface-mount components.
---
### 1. Technical Specifications
The following table details the physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimension (L x W x H)** | 35.00mm x 35.00mm x 20.00mm |
| **Fin Style** | Fine-Pitch (increases surface area) |
| **Thermal Resistance** | 6.21 °C/W (at 100 LFM) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### 2. Key Components and Design
Understanding the part number involves breaking down its functional electronic/mechanical design:
* **Heat Sink Body:** Constructed from high-quality aluminum to provide optimal heat transfer. The **35mm x 35mm** footprint is common for cooling Chipsets, FPGAs, and BGA (Ball Grid Array) packages.
* **The "C2" Variation:** This denotes the specific thermal performance and material grade. In the ATS catalog, "C2" typically signifies a specific fin profile designed for high-density airflows.
* **Push-Pin Attachment:** Unlike adhesive-based heat sinks, this part uses a mechanical push-pin system. This ensures a consistent pressure (compression) against the chip, which improves thermal conductivity and makes the part reusable.
* **Thermal Interface Material (TIM):** The part comes with **T766** pre-applied. This is a "phase-change" or high-performance thermal pad that fills microscopic air gaps between the component and the heat sink.
---
### 3. Application Use Cases
This part is used in environments where electronic components are prone to overheating:
1. **Telecommunications:** Cooling networking processors in routers or switches.
2. **Industrial PCs:** Providing heat dissipation for embedded controllers.
3. **Power Supplies:** Managing thermal loads for voltage regulators.
4. **Automotive:** Cooling sensors or control units in high-temperature environments.
---
### 4. Part Number Breakdown
```text
ATS - 16 - F - 149 - C2 - R0
| | | | | |
| | | | | +-- Revision Code
| | | | +------- Performance/Material Grade
| | | +------------ Specific Product ID
| | +----------------- Fin Pitch/Style (Fine)
| +---------------------- Series ID
+---------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷What are the mounting hole requirements for the ATS-16F-149-C2-R0?
- ⤷ How does the thermal resistance of this heat sink change at higher airflow (LFM)?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 variants in ATS heat sinks?