công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16F-121-C2-R0

  • AI
    The **ATS-16F-121-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. These components are designed to dissipate heat from integrated circuits (ICs) like CPUs, GPUs, or FPGAs. --- ### 1. Technical Specifications Below are the primary technical parameters for this specific part number: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Part Series** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic/Brass) | | **Thermal Resistance** | 9.48°C/W (Unducted Flow @ 100 LFM) | | **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm | | **Fin Configuration** | Fine Pitch (straight fins) | --- ### 2. Breakdown of the Part Number The nomenclature for ATS heat sinks typically follows a specific logic: * **ATS-16F:** Refers to the series and the specific fin geometry (16 usually denotes the fin pattern/density). * **121:** Denotes the physical size and height characteristics in the ATS catalog. * **C2:** Refers to the **Thermal Interface Material (TIM)**. In this case, "C2" usually indicates **T766**, a high-performance phase-change material or thermal grease applied to the base. * **R0:** Indicates the revision and the RoHS compliance status. --- ### 3. Key Electronic Functions While the heat sink itself is mechanical, its role in an electronic circuit is critical for the following reasons: 1. **Thermal Dissipation:** It increases the surface area of the heat source, allowing ambient air to carry away heat via convection. 2. **Reliability:** By maintaining the junction temperature ($T_j$) of a semiconductor within safe limits, it prevents "thermal runaway" and extends the component's lifespan. 3. **Efficiency:** Electronic components often experience "thermal throttling" when they get too hot. This heat sink ensures the electronics can run at peak clock speeds for longer durations. --- ### 4. Installation & Attachment The **Push-Pin** mechanism consists of a spring-loaded pin that passes through pre-drilled holes on the Printed Circuit Board (PCB). * **Spring Force:** Provides consistent pressure on the chip to ensure maximum contact with the Thermal Interface Material. * **Ease of Assembly:** Allows for rapid installation during the manufacturing process without the need for complex tools. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific hole patterns required on a PCB for this heat sink?
    • ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
    • ⤷ Can this heat sink be used with a cooling fan for active thermal management?