ATS-16F-07-C2-R0
AI

The **ATS-16F-07-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. These components are designed to dissipate heat from integrated circuits (ICs) and other electronic chips to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin pattern, and mounting style.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Type** | Fine Pitch (Cross-cut) |
| **Mounting Style** | Push-Pin (Plastic) |
| **Thermal Resistance** | ~17.00°C/W (at 100 LFM) |
---
### 2. Physical Dimensions
Precision measurements are critical for ensuring the heatsink fits within the PCB layout and clears surrounding components.
| Dimension | Value |
| :--- | :--- |
| **Width / Length** | 45mm x 45mm |
| **Height** | 12mm |
| **Hole Spacing** | 38mm (Center to center) |
| **Weight** | ~15-20 grams |
---
### 3. Key Electronic Functions
1. **Heat Dissipation:** It increases the surface area of the component (e.g., a BGA or FPGA), allowing airflow to carry away heat more efficiently.
2. **Thermal Interface Material (TIM):** The "R0" suffix usually indicates the inclusion of a pre-applied high-performance thermal interface material, ensuring a low-resistance thermal path between the chip and the aluminum.
3. **Mechanical Stability:** The push-pin mechanism uses a spring-loaded design to provide consistent pressure, which is vital for maintaining the thermal bond during vibrations or thermal expansion.
---
### 4. Application Use Cases
* **Networking Gear:** Switches and routers where high-speed processing generates significant heat.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
- ⤷What is the difference between blue anodized and black anodized finishes for heat dissipation?
- ⤷ How do I calculate if this heatsink's thermal resistance is sufficient for my 5W chip?
- ⤷ Are there alternative mounting options if push-pins don't fit my PCB layout?