ATS-16F-06-C2-R0
AI

The **ATS-16F-06-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components. It is manufactured by Advanced Thermal Solutions (ATS).
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16F-06-C2-R0 |
| **Type** | Board Level Heatsink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 25mm |
| **Thermal Resistance** | 16.30°C/W (Natural Convection) |
---
### Key Electronic Components & Features
#### 1. The Fin Design (Fin-Pitch)
This model belongs to the **pushPIN™** series. It features a specific fin geometry designed to maximize surface area while minimizing airflow resistance. The high-performance "Fine-Pitch" design is optimized for both natural convection and forced air (fan-driven) environments.
#### 2. Attachment Mechanism: pushPIN™
Unlike adhesive tapes or simple clips, this part uses a **pushPIN™** system:
* **Springs:** Provide precise pressure (Force) to ensure maximum thermal contact between the heatsink base and the electronic component (CPU/GPU/FPGA).
* **Plastic/Brass Pins:** Secure the unit firmly to the PCB through pre-drilled holes.
#### 3. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodizing:** This is not just for aesthetics; the anodized finish increases emissivity and provides a protective layer against corrosion and electrical conductivity on the surface.
#### 4. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the heatsink comes with **pre-applied Thermal Interface Material**. This ensures there are no microscopic air gaps between the heat source and the heatsink, which is critical for efficient heat transfer.
---
### Application Usage
This part is commonly found in the following electronic systems:
* **Telecommunications:** Cooling high-speed processors in routers and switches.
* **Embedded Systems:** Industrial PCs where space is limited but heat dissipation is high.
* **Power Electronics:** Cooling MOSFETs or power regulators that generate significant heat during operation.
- ⤷What is the difference between blue anodized and black anodized heatsinks?
- ⤷ How do I calculate the correct pushPIN size for my PCB thickness?
- ⤷ What is the specific thermal conductivity of Aluminum 6063 used in these parts?