ATS-16F-05-C2-R0
AI

The **ATS-16F-05-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "pushPIN™" family, designed for cooling electronic components such as CPUs, GPUs, and other high-heat-density integrated circuits.
---
### ## Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 40mm x 40mm |
| **Height** | 25mm |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 5.84 °C/W (@ 100 LFM) |
| **Fin Pattern** | XC-CUT (Cross-Cut) |
---
### ### Key Electronic Components & Features
#### 1. The Heat Sink Body (Thermal Conduction)
* **Aluminum Alloy:** Uses 6063 aluminum, which is the industry standard for heat sinks due to its high thermal conductivity and structural integrity.
* **Fin Style:** The **XC-CUT** design features fins that are cut both horizontally and vertically. This increases the surface area and allows for multi-directional airflow, making it effective even if the air isn't blowing directly straight through the fins.
#### 2. The Mounting System (pushPIN™)
* **Push Pins:** The "R0" at the end of the part number signifies the specific mounting hardware. It uses plastic push pins that snap into pre-drilled holes on the PCB (Printed Circuit Board).
* **Spring Mechanism:** Each pin is equipped with a compression spring. This ensures a consistent, calibrated **pressure** (Downward Force) against the electronic chip, which is critical for maximizing heat transfer through the Thermal Interface Material (TIM).
#### 3. Thermal Interface Material (TIM)
* The **"C2"** in the part number indicates the type of thermal material pre-applied to the base of the heat sink.
* **Type:** Specifically, C2 refers to **T766 phase-change material** or a high-performance thermal grease. This fills the microscopic air gaps between the chip and the heat sink base to lower thermal resistance.
---
### ### Application Use-Cases
This part is typically found in:
* **Networking Gear:** Switches and routers where airflow may be turbulent.
* **Embedded Systems:** Industrial PCs where vibration resistance is needed (provided by the springs).
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
- ⤷
What is the difference between the XC-CUT and STRAIGHT fin patterns in terms of thermal performance?
- ⤷ Can the pushPIN mounting system be reused if the heat sink is removed?
- ⤷ What are the PCB hole diameter requirements for the ATS-16F-05-C2-R0?