ATS-16D-83-C2-R0
AI

The **ATS-16D-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 1.60°C/W (@ 1.0 m/s airflow) |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
---
### 2. Key Design Elements
#### A. Fin Geometry
The "D" in the part number indicates a **fluted fin** design. The maxiFLOW™ architecture features a spread-fin geometry that maximizes surface area while minimizing pressure drop. This is crucial for environments where high-velocity airflow is present but space is limited.
#### B. Attachment System (pushPIN™)
This part uses a specific mounting mechanism:
* **Spring-loaded pins:** Ensures consistent pressure (interface force) across the component, improving thermal transfer.
* **Reliability:** Prevents the heat sink from shifting during high-vibration scenarios or shipping.
#### C. Thermal Interface Material (TIM)
The **C2** designation typically refers to the pre-applied thermal interface material.
* **Material:** T766 (High performance) or similar.
* **Function:** Fills microscopic air gaps between the heat sink base and the chip to ensure maximum heat conductivity.
---
### 3. Performance Analysis
The efficiency of this heat sink is highly dependent on the Airflow (Measured in Linear Feet per Minute - LFM):
| Airflow Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 (Unducted) | 1.60 |
| 2.0 (Unducted) | 1.05 |
| 3.0 (Unducted) | 0.86 |
---
### 4. Application Examples
* **Embedded Systems:** Cooling microprocessors in industrial PCs.
* **Networking:** Heat dissipation for high-speed Ethernet controllers.
* **Power Supplies:** Cooling MOSFETs or power transistors in a 30x30mm footprint.
- ⤷
What are the benefits of the blue anodized finish on this heat sink?
- ⤷ Does the ATS-16D-83-C2-R0 come with the mounting hardware included?
- ⤷ How does the pushPIN™ system compare to traditional adhesive thermal tape?