ATS-16D-80-C2-R0
AI

The **ATS-16D-80-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-efficiency cooling of surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (with Spring) |
| **Thermal Resistance** | 1.90°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height (H)** | 25.00mm |
| **Fin Style** | Straight Fin |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This system uses a spring-loaded pin mechanism that provides a precise and secure fit to the PCB. It ensures constant pressure on the electronic component for optimal heat transfer.
* **Material and Coating:** The use of aluminum provides a lightweight solution with high thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it improves surface emissivity and protects against corrosion.
* **High Aspect Ratio Fins:** The "80" series design features vertical fins optimized for both natural and forced air convection.
---
### 3. Thermal Performance Data
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.90 |
| 300 (1.5 m/s) | 1.25 |
| 500 (2.5 m/s) | 1.05 |
| 700 (3.5 m/s) | 0.95 |
---
### 4. Part Number Breakdown
The nomenclature follows a specific logic:
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **16D:** Series/Internal identifier.
* **80:** Specific fin pattern/density.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or Packaging code.
- ⤷
What are the PCB hole requirements for the pushPIN attachment?
- ⤷ How does this heat sink compare to the ATS-16D-81 series in terms of height?
- ⤷ What type of thermal interface material (TIM) is recommended for this part?