AI

The **ATS-16D-46-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for precision cooling of electronic components like CPUs, GPUs, and power transistors.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-16D-46-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded plastic pins) |
| **Thermal Resistance** | 11.57 °C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 25mm x 25mm x 15mm |
| **Fin Style** | High-Flow (Straight Fins) |
---
### 2. Breakdown of the Part Number
The alphanumeric code follows a specific naming convention used by ATS to describe the physical and thermal properties:
* **ATS-16:** Refers to the series and specific internal geometry.
* **D:** Often denotes the specific fin pattern or spacing.
* **46:** This is the height/configuration index.
* **C2:** Indicates the **thermal interface material (TIM)**. In this case, "C2" usually signifies **T766 Phase Change Material**, which optimizes heat transfer from the chip to the aluminum.
* **R0:** Refers to the RoHS compliance and the specific revision/packaging version.
---
### 3. Key Electronic Functions
The ATS-16D-46-C2-R0 serves several critical functions in an electronic assembly:
1. **Passive Cooling:** It increases the surface area of the heat-generating component, allowing air to carry away heat more effectively.
2. **Mechanical Tension:** The **pushPIN™** mechanism ensures constant, even pressure across the surface of the electronic chip, which prevents air gaps and ensures the Thermal Interface Material (TIM) works efficiently.
3. **Cross-Flow Optimization:** The straight-fin design is optimized for environments where there is forced airflow (fans), allowing air to pass through the fins with minimal resistance.
---
### 4. Implementation Code Example
In thermal modeling software (like Python-based simulation), you might represent this part's thermal resistance properties as follows:
```python
class HeatSink:
def __init__(self, model, thermal_resistance, airflow_lfm):
self.model = model
self.resistance = thermal_resistance # °C/W
self.airflow = airflow_lfm # Linear Feet per Minute
# Instance for ATS-16D-46-C2-R0
ats_heatsink = HeatSink("ATS-16D-46-C2-R0", 11.57, 100)
def calculate_temp_rise(power_watts):
return power_watts * ats_heatsink.resistance
# If the chip dissipates 2 Watts
rise = calculate_temp_rise(2)
print(f"Temperature rise above ambient: {rise}°C")
```
- ⤷
How do I calculate the correct hole diameter for the pushPIN attachment?
- ⤷ What is the difference between C1
- ⤷ C2
- ⤷ and C3 thermal interface materials?
- ⤷ Can this heat sink be used in a natural convection (no fan) environment?