ATS-16D-41-C2-R0
AI

The **ATS-16D-41-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) and surface-mount devices (SMDs).
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-16D-41-C2-R0 |
| **Product Series** | pushPIN™ |
| **Base Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Fin Type** | Straight (Square) |
| **Thermal Resistance** | 10.02 °C/W (at 100 LFM) |
---
### 2. Physical Dimensions
Precision measurement is critical for board layout and component clearance:
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 20.00 mm
* **Hole Spacing (E):** 45.00 mm
* **Hole Spacing (F):** 45.00 mm
---
### 3. Key Electronic & Mechanical Features
#### A. pushPIN™ Attachment System
This part utilizes the ATS pushPIN™ system, which provides a fast and secure attachment to the Printed Circuit Board (PCB). It uses a pre-assembled spring-loaded mechanism that ensures uniform pressure (clamping force) across the component, improving thermal interface performance.
#### B. Material and Thermal Conductivity
The use of **AL6063 Aluminum** offers high thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it provides surface protection and slightly increases emissivity for better radiation heat transfer.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number typically indicates that the heat sink comes pre-applied with **ATS-PPS-02**, a high-performance thermal grease, ensuring immediate out-of-the-box installation with optimal heat transfer from the chip to the sink.
---
### 4. Thermal Performance Comparison
Thermal resistance decreases as airflow (measured in Linear Feet per Minute - LFM) increases:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 10.02 |
| 300 | 1.5 | 3.62 |
| 500 | 2.5 | 2.53 |
| 700 | 3.5 | 2.10 |
---
- ⤷How do I calculate the correct hole diameter for the push-pin installation on my PCB?
- ⤷ What is the difference between the C1
- ⤷ C2
- ⤷ and C3 suffixes in ATS part numbers?
- ⤷ Can this heat sink be used for passive cooling without a fan?