ATS-16D-35-C2-R0
AI

The **ATS-16D-35-C2-R0** is a specific electronic component belonging to the **Heat Sink** category, manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" thermal management system designed to provide high-performance cooling for electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Heat Sink Type** | Fine-Pitch (Straight Fin) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 10.0mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 22.48°C/W (Unducted Flow @ 100 LFM) |
| **Spring Type** | ATS-PPS-16 (Steel) |
---
## 2. Key Component Parts
The part number describes a system consisting of three primary electronic cooling sub-components:
### A. The Heat Sink (Thermal Dissipator)
The core of the unit is a **35mm square aluminum block** with vertical fins. It is designed to maximize surface area to transfer heat from the silicon die to the surrounding air. The "C2" in the part number indicates a **Blue Anodized** finish, which protects against corrosion and slightly increases emissivity.
### B. The Push-Pin Attachment
Instead of using messy thermal adhesives or complex screws, this part uses a **Plastic Push-Pin** mechanism. This allows for:
* Consistent pressure across the component.
* Easy installation and removal for board repairs.
* Secure mounting in high-vibration environments.
### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically signifies that the unit comes with **Pre-applied Thermal Interface Material**. This is the layer that sits between the heat sink and the electronic chip to eliminate air gaps and ensure efficient heat transfer.
---
## 3. Thermal Performance Analysis
The efficiency of the ATS-16D-35-C2-R0 depends heavily on the airflow (LFM - Linear Feet per Minute) within the electronic enclosure:
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **100 (0.5 m/s)** | 22.48 |
| **300 (1.5 m/s)** | 10.34 |
| **500 (2.5 m/s)** | 7.22 |
| **700 (3.5 m/s)** | 5.90 |
---
## 4. Part Number Breakdown
`ATS - 16 D - 35 - C2 - R0`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16:** Designates the specific spring type/attachment force.
* **D:** Pin Fin / High-density fin configuration.
* **35:** Width/Length in millimeters.
* **C2:** Material finish (Blue Anodized).
* **R0:** Thermal Interface Material / Revision code.
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle before thermal throttling?
- ⤷ How do I choose between a plastic push-pin and a brass push-pin for this specific model?
- ⤷ Is this heat sink compatible with standard BGA or LGA socket footprints?