ATS-16D-22-C2-R0
AI

The **ATS-16D-22-C2-R0** is a specific electronic part number referring to a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "blue ice" or high-density fin series, designed for cooling integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 13.87°C/W (at 1.0 m/s) |
| **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 12.70mm |
| **Fin Style** | Straight Fin |
| **Compliance** | RoHS / REACH |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to describe the physical and thermal properties:
1. **ATS-16**: Refers to the specific series/family (often high-density aluminum extrusions).
2. **D**: Refers to the specific footprint or base layout.
3. **22**: Internal manufacturer code for fin count and geometry.
4. **C2**: Indicates the **Blue Anodized** finish.
5. **R0**: Indicates the revision level and specific packaging/attachment configuration.
---
### 3. Key Electronic Cooling Features
* **pushPIN™ Attachment:** This heat sink uses a spring-loaded mechanism that ensures a precise, secure, and repeatable attachment to the PCB. This prevents the heat sink from shifting during vibration or shipping.
* **Optimal Airflow:** The straight fin design is optimized for environments where there is a clear direction of airflow, allowing for low pressure drop and high thermal dissipation.
* **Pre-Applied Thermal Interface Material (TIM):** Most "R0" variants come with a high-performance thermal pad or grease pre-applied to the base, ensuring immediate installation and maximum heat transfer between the component and the aluminum.
* **Blue Anodized Coating:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves heat radiation (emissivity).
---
### 4. Typical Applications
* **Telecommunications:** Cooling of networking switches and routers.
* **Computing:** Secondary cooling for chipsets or power management ICs.
* **Embedded Systems:** Industrial PCs where space is limited but thermal loads are high.
- ⤷What are the specific mounting hole dimensions for this heat sink?
- ⤷ How does the thermal resistance change at higher air velocities?
- ⤷ What is the weight of the ATS-16D-22-C2-R0?