AI

## Technical Overview: ATS-16B-99-C2-R0
The **ATS-16B-99-C2-R0** is a high-performance **heat sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Key Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-16B-99-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 20mm |
| **Thermal Resistance** | 1.15 °C/W (@ 200 LFM) |
| **Flow Direction** | Directional (High Spread Fin) |
---
### 2. Functional Components
To understand how this part functions within an electronic assembly, we can break it down into three primary elements:
#### A. The Heat Sink Body (MaxiFLOW™)
* **Fin Geometry:** Unlike standard extruded heat sinks, this part uses a tapered fin design. This increases the surface area while reducing the pressure drop, allowing air to flow through the fins more efficiently.
* **Base Plate:** The flat bottom surface makes direct contact with the heat-generating component (e.g., a CPU, FPGA, or GPU).
#### B. The pushPIN™ Attachment System
This is the mechanical mounting hardware provided with the unit. It typically consists of:
* **Brass/Plastic Pins:** Used to secure the heat sink to the PCB.
* **Compression Springs:** These ensure a consistent, pre-determined "clamping force" on the electronic component, which optimizes thermal interface performance and prevents damage to the chip.
#### C. Thermal Interface Material (TIM)
* The **"C2"** in the part number indicates the type of thermal interface material pre-applied to the base.
* **C2** signifies that the part comes with **T766**, a high-performance thermal grease, or a similar high-conductivity phase-change material to fill microscopic air gaps between the sink and the chip.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Telecommunications:** High-speed routers and switches.
2. **Embedded Computing:** Industrial motherboards and single-board computers (SBCs).
3. **Power Electronics:** Cooling for MOSFETs or high-density power modules.
- ⤷
What are the specific thermal resistance values at different airflow rates (LFM) for this model?
- ⤷ How do I choose between the 'C1'
- ⤷ 'C2'
- ⤷ and 'C3' versions of this heat sink?
- ⤷ What is the recommended hole pattern on a PCB for the pushPIN™ attachment?