ATS-16B-97-C2-R0
AI

## Technical Analysis of ATS-16B-97-C2-R0
The **ATS-16B-97-C2-R0** is a high-performance **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" component series, designed for efficient thermal management of electronic components such as CPUs, GPUs, and other high-power ICs.
---
### 1. Key Technical Specifications
Below are the primary physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al) |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight |
| **Fin Pattern** | COARSE-PITCH |
| **Mounting Style** | pushPIN™ (Spring Loaded) |
| **Dimensions (L x W x H)** | 45.00mm x 45.00mm x 10.00mm |
| **Thermal Resistance** | 20.30 °C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin with Brass Springs |
---
### 2. Component Composition
The assembly consists of three primary electronic-mechanical parts:
1. **Heat Sink Body:** A precision-machined aluminum block with a coarse-pitch fin layout. The low profile (10mm height) makes it suitable for tight chassis environments (e.g., 1U servers).
2. **Push-Pin Mechanism:** Uses a high-performance nylon or brass pin system. These are designed to provide a specific, consistent pressure (preload) against the electronic chip to maximize heat transfer.
3. **Thermal Interface Material (TIM):** This part usually comes pre-applied with **T766** (a high-performance thermal grease) to fill microscopic air gaps between the IC and the heat sink.
---
### 3. Thermal Performance (Airflow Data)
The efficiency of the part is measured by its ability to dissipate heat based on the velocity of the air moving through the fins.
| Air Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :---: | :---: | :---: | :---: | :---: |
| **Resistance (°C/W) - Unducted** | 20.30 | 9.64 | 5.39 | 3.68 | 2.84 |
| **Resistance (°C/W) - Ducted** | 3.26 | 2.04 | 1.64 | 1.43 | 1.30 |
---
### 4. Part Number Breakdown: `ATS-16B-97-C2-R0`
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **16:** Designates the specific series/style.
* **B:** Indicates the attachment method (pushPIN™).
* **97:** The unique design ID for the fin geometry.
* **C2:** Material/Color code (Aluminum, Blue Anodized).
* **R0:** RoHS compliance status and revision level.
- ⤷
What are the benefits of using a coarse-pitch fin pattern compared to fine-pitch?
- ⤷ How do I calculate the correct push-pin length for a specific PCB thickness?
- ⤷ What is the difference between ducted and unducted thermal resistance in this context?