công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16B-68-C2-R0

  • AI
    The **ATS-16B-68-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed to maximize airflow and thermal dissipation for electronic components. --- ### 1. Technical Specifications The part number is coded with specific engineering data regarding its size, material, and thermal resistance. | Feature | Specification | | :--- | :--- | | **Product Series** | maxiFLOW™ | | **Attachment Method** | pushPIN™ | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions** | 45mm x 45mm x 15mm | | **Thermal Resistance** | 15.31°C/W (at 100 LFM) | | **Flow Pattern** | Open-ended for high airflow | --- ### 2. Key Electronic Components & Design The "electronic parts" of this assembly are focused on physical heat transfer rather than active circuitry. #### A. The Heat Sink Body * **Geometry:** It features a unique flared fin design. This increases the surface area without significantly increasing the footprint, which is critical for densely packed Printed Circuit Boards (PCBs). * **Material Choice:** Made of high-grade aluminum for a balance between weight and thermal conductivity. #### B. The pushPIN™ Attachment System Instead of simple adhesive tape, this model uses a mechanical fastening system: * **Springs:** Provides consistent pressure (Pre-assembled compression springs). * **Plastic/Brass Push Pins:** These lock into pre-drilled holes in the PCB to ensure the heatsink stays in contact with the component (e.g., a BGA chip) even under vibration or shock. #### C. Thermal Interface Material (TIM) * **Part Suffix (-R0):** Indicates that the heatsink comes pre-applied with a **Phase Change Material** or high-performance thermal pad. This fills the microscopic air gaps between the heatsink and the semiconductor to improve heat transfer. --- ### 3. Application Use Cases This part is typically used to cool high-heat electronic components such as: * **FPGAs & CPUs:** High-speed processors in networking gear. * **ASICs:** Application-specific integrated circuits in telecommunications. * **Power Modules:** Large transistors or voltage regulators that generate significant waste heat. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between pushPIN and adhesive mounting for heatsinks?
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heatsink?
    • ⤷ Does this model support custom fin heights or patterns?