công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16B-64-C2-R0

  • AI
    ## Electronic Parts Analysis: ATS-16B-64-C2-R0 The **ATS-16B-64-C2-R0** is a high-performance **heat sink** assembly manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling high-power electronic components such as CPUs, GPUs, FPGAs, and ASICs. --- ### 1. Technical Specifications Below is a breakdown of the physical and thermal properties of this specific part number: | Specification | Value / Description | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) | | **Product Series** | maxiFLOW™ | | **Dimensions (L x W x H)** | 45mm x 45mm x 25mm | | **Material** | Aluminum (Body) | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | ~1.39°C/W (at 200 LFM) | | **Flow Pattern** | Spread Fin (High surface area) | --- ### 2. Component Breakdown The "electronic part" in this context is a thermal management solution consisting of several sub-components: #### A. The Heat Sink Body * **Design:** It features a unique **flared fin** geometry. This design increases the surface area for heat dissipation while reducing pressure drop, making it more efficient than standard straight-fin heat sinks. * **Material:** Extruded aluminum is used for its excellent thermal conductivity-to-weight ratio. #### B. Thermal Interface Material (TIM) * **Phase:** Pre-applied at the factory. * **Function:** Fills microscopic air gaps between the heat sink and the electronic chip (IC) to ensure maximum heat transfer. #### C. pushPIN™ Attachment System * **Components:** Includes brass or plastic pins and compression springs. * **Function:** Provides precise, consistent pressure against the component, which is critical for maintaining the efficiency of the Thermal Interface Material. --- ### 3. Applications This part is typically found in: * **Telecommunications:** High-speed routers and switches. * **Computing:** Server blades and industrial PCs. * **Power Electronics:** Converters and motor drives where space is limited but heat generation is high. --- ### 4. Part Number Decoding The suffix codes provide specific details about the configuration: * **-C2:** Refers to the specific Blue Anodized finish. * **-R0:** Refers to the revision level or packaging standards.
    ✨ Follow-up Questions
    • ⤷ What is the exact thermal resistance of this heat sink at different airflow speeds?
    • ⤷ How does the pushPIN™ mounting system compare to adhesive thermal tapes?
    • ⤷ Is there a specific PCB hole pattern required for the ATS-16B-64-C2-R0?