công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • ATS-16B-39-C2-R0

  • AI
    ## Technical Analysis of ATS-16B-39-C2-R0 The **ATS-16B-39-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed to provide maximum thermal surface area for cooling electronic components. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific part number: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Thermal Resistance** | 18.94° C/W (@ 100 LFM) | | **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 12.70mm | | **Fin Style** | Straight (maxiFLOW) | | **Pressure Drop** | 0.88 (in-H2O) @ 200 LFM | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the specific features of the component: * **ATS**: Manufacturer (Advanced Thermal Solutions). * **16B**: The specific series and design family. * **39**: The physical size or variant within the family. * **C2**: Material and Finish code (typically refers to Blue Anodized). * **R0**: Revision or packaging code. --- ### 3. Key Electronic/Mechanical Components While the heat sink itself is passive, its effectiveness depends on the integrated mounting hardware: 1. **maxiFLOW™ Fin Profile:** The fins are designed with a tapered base to increase airflow and maximize the surface area for convective heat transfer. 2. **pushPIN™ Attachment:** This is a mechanical assembly consisting of a plastic pin and a high-performance compression spring. This ensures a precise, consistent pressure against the electronic component (CPU, GPU, or FPGA), which optimizes the **Thermal Interface Material (TIM)** performance. 3. **Thermal Interface Material (TIM):** Most units in this series come pre-applied with high-efficiency thermal grease or a phase-change pad to bridge the air gap between the heat sink and the chip. --- ### 4. Typical Applications This component is commonly used in high-density electronic environments such as: * **Telecommunications:** Cooling of networking switches and routers. * **Power Supplies:** Managing heat in DC-DC converters. * **Embedded Systems:** Industrial PCs and automation controllers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between pushPIN and adhesive mounting for this heat sink?
    • ⤷ How does the LFM (Linear Feet per Minute) affect the thermal resistance of this part?
    • ⤷ Can this heat sink be used with a custom thermal interface material?