ATS-16B-182-C2-R0
AI

The **ATS-16B-182-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, designed for high-efficiency cooling in constrained spaces.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 54.00mm x 59.00mm x 15.00mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.51°C/W (at 1.0 m/s airflow) |
| **Flow Direction** | Directional (Optimized for specific air paths) |
| **Base Finish** | Pre-applied Phase Change Material (Thermal Interface) |
---
## 2. Key Electronic Components & Design
### A. The maxiFLOW™ Fin Geometry
The "B" in the part number indicates the maxiFLOW™ profile. Unlike standard square fins, these fins are tapered and spaced to reduce pressure drop while maximizing surface area. This is critical for cooling high-power processors (CPUs) or ASICs where airflow may be limited by other components.
### B. pushPIN™ Attachment System
The **-R0** suffix denotes the mounting hardware. The pushPIN™ system uses a flexible, spring-loaded mechanism that:
* Ensures consistent pressure (clamping force) across the electronic chip.
* Prevents damage to the PCB (Printed Circuit Board).
* Is available in various spring tensions to meet specific shock and vibration requirements.
### C. Thermal Interface Material (TIM)
The **-C2** part of the code indicates the thermal interface material.
* It comes with **T766** pre-applied.
* This is a high-performance phase-change material that melts during operation to fill microscopic air gaps between the chip and the heat sink, significantly lowering thermal impedance.
---
## 3. Common Applications
This heat sink is typically found in high-reliability electronic environments, including:
1. **Telecommunications:** Cooling of high-speed networking switches and routers.
2. **Embedded Computing:** Industrial motherboards where space is tight but heat output is high.
3. **Power Electronics:** Cooling MOSFETs or power modules in DC-DC converters.
- ⤷
What is the thermal resistance of this part at different airflow speeds (LFM)?
- ⤷ How does the pushPIN mounting system compare to standard adhesive backing?
- ⤷ Is the T766 thermal interface material electrically conductive?