ATS-16B-08-C2-R0
AI

The **ATS-16B-08-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions Inc.** It is designed for cooling electronic components such as CPUs, GPUs, and power modules within constrained spaces.
---
## 1. Technical Specifications
Below is the technical breakdown of the part based on its nomenclature and physical design:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 14.21°C/W (@ 100 LFM) |
| **Dimensions** | 45mm x 45mm |
| **Height** | 15mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied Phase Change Material) |
---
## 2. Key Electronic & Mechanical Features
### A. The pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this part uses the **pushPIN™ system**.
* **Precision:** It uses a flexible, spring-loaded mechanism that ensures even pressure across the electronic component.
* **Reliability:** It prevents the heat sink from shifting during mechanical shock or vibration, protecting the delicate silicon die.
### B. "C2" Material & Finish
The **C2** designation refers to the specific material grade and finish:
* **Aluminum Construction:** Provides a lightweight solution with high thermal conductivity.
* **Blue Anodized Finish:** This is not just aesthetic; anodizing increases the surface emissivity, allowing for better heat radiation and providing a protective layer against corrosion and electrical conductivity at the surface.
### C. Thermal Performance (LFM)
Electronic heat sinks are rated by Airflow (Linear Feet per Minute). For the ATS-16B-08-C2-R0:
* **Low Airflow (100 LFM):** 14.21°C/W resistance.
* **High Airflow (700 LFM):** 1.90°C/W resistance.
* *Interpretation:* As airflow increases, the efficiency of this part increases dramatically, making it ideal for forced-convection environments (server racks, high-speed networking gear).
---
## 3. Application Use-Cases
This specific heat sink is commonly found in the following electronic assemblies:
1. **Network Switches/Routers:** Cooling ASICs that process high volumes of data.
2. **Power Supplies (PSU):** Dissipating heat from MOSFETs or voltage regulators.
3. **Embedded Systems:** Used on industrial PC boards where height (15mm) is restricted.
---
## 4. Cross-Reference/Ordering Code Breakdown
```text
ATS - 16 B - 08 - C2 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Finish (Blue Anodized / T766 TIM)
| | +------------ Height (15mm)
| +----------------- Fin Pitch/Type (Fine Pitch)
+----------------------- Advanced Thermal Solutions (Manufacturer)
```
- ⤷
What is the significance of the T766 Thermal Interface Material mentioned in the specs?
- ⤷ How do I calculate if the 14.21°C/W thermal resistance is sufficient for my specific chip?
- ⤷ Are there alternative mounting options if my PCB does not have holes for pushPINs?