ATS-16B-06-C2-R0
AI

The **ATS-16B-06-C2-R0** is a specific high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed to provide efficient cooling for electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Key Technical Specifications
The part number encodes specific data about its dimensions and material properties:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | Push Pin (Spring-loaded) |
| **Dimension (Length/Width)** | 45mm x 45mm |
| **Height** | 25mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 2.03°C/W (at 200 LFM) |
| **Attachment Method** | Plastic Push Pin / Brass Spring |
---
### 2. Physical Design Features
The ATS-16B-06-C2-R0 utilizes a specific geometry to maximize thermal dissipation:
* **Fin Style:** It features a **Straight Fin** pattern. This design is optimized for environments where there is a consistent, directional airflow (forced convection).
* **Material Choice:** Aluminum is used for its excellent thermal conductivity-to-weight ratio. The blue anodized finish provides surface protection and increased emissivity.
* **Mounting Mechanism:** The "Push Pin" system uses a spring-loaded mechanism that ensures consistent pressure between the heat sink and the component, which is critical for maximizing thermal transfer.
---
### 3. Thermal Performance Profile
Thermal resistance measures how effectively the part moves heat away from the silicon. Lower values indicate better performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 1.0 m/s (200 LFM) | 2.03 |
| 2.0 m/s (400 LFM) | 1.18 |
| 3.0 m/s (600 LFM) | 0.82 |
---
### 4. Typical Applications
This component is generally found in the following electronic assemblies:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** For industrial computers where airflow is managed.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
---
### 5. CAD / Footprint Information
If you are designing a PCB for this part, note the hole pattern required:
```markdown
Hole Diameter: 3.0mm
Hole Pitch (Distance): 38mm (diagonal or square depending on board layout)
```
- ⤷What is the difference between the C1 and C2 versions of ATS heat sinks?
- ⤷ How do I calculate the required LFM for this heat sink in my project?
- ⤷ Does this part come with pre-applied thermal interface material (TIM)?