ATS-16B-01-C2-R0
AI

The **ATS-16B-01-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions Inc.*
Below is a detailed breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications
This part is designed for cooling electronic components such as CPUs, GPUs, or high-power transistors on a PCB.
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ |
| **Heat Sink Type** | Push-pin Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (with springs) |
| **Thermal Resistance (Unducted)** | 18.51 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.62 °C/W @ 100 LFM |
---
### 2. Physical Dimensions
Precision measurements are critical for PCB layout and ensuring no interference with nearby electronic parts.
| Dimension | Value (mm) |
| :--- | :--- |
| **Length/Width** | 40.00 mm x 40.00 mm |
| **Height** | 10.00 mm |
| **Hole Spacing** | 33.00 mm |
| **Push-Pin Material** | Brass / Plastic |
---
### 3. Key Electronic Cooling Features
* **Fin Configuration:** It utilizes a **Square Fin** pattern (XC-Cut), which allows for multi-directional airflow. This is ideal for electronic enclosures where airflow direction may vary.
* **Thermal Interface Material (TIM):** This specific model typically comes with **T766** pre-applied, which is a high-performance thermal grease used to bridge the microscopic air gaps between the component (chip) and the heat sink.
* **Push-Pin Mounting:** The use of push-pins ensures consistent pressure (clamping force) against the electronic component, which is vital for maintaining low thermal resistance over time.
---
### 4. Typical Applications
The ATS-16B-01-C2-R0 is commonly found in:
1. **Telecommunications:** Cooling signal processing chips.
2. **Embedded Systems:** For low-profile industrial computers.
3. **Power Electronics:** Managing heat for voltage regulators or MOSFET arrays.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ Are there alternative mounting options if push-pins don't fit my PCB?
- ⤷ How does the blue anodized finish impact the thermal performance?