ATS-15G-26-C1-R0
AI

The **ATS-15G-26-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" family, designed for cooling high-power semiconductors and integrated circuits (ICs).
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine-Pitch |
| **Pattern** | Square / Cross-Cut |
| **Thermal Resistance** | ~14.18 °C/W (Unducted @ 100 LFM) |
| **Dimensions (LxWxH)** | 40mm x 40mm x 10mm |
---
### 2. Breakdown of the Part Number
The part number follows a structured nomenclature that defines its geometry and mounting:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **15G**: Refers to the series and base dimensions.
* **26**: Specific internal design/fin configuration.
* **C1**: Defines the material and finish (Aluminum with Blue Anodized coating).
* **R0**: Revision/Packaging code.
---
### 3. Key Electronic Functions
While the heat sink itself is passive (it does not consume electricity), it is critical for the electronic health of a system:
1. **Thermal Dissipation**: It increases the surface area of the electronic component (CPU, GPU, or MOSFET), allowing heat to transfer more efficiently into the ambient air.
2. **Reliability**: By keeping junction temperatures low, it prevents "thermal runaway" and extends the Mean Time Between Failures (MTBF) of the silicon.
3. **Mechanical Stability**: The **pushPIN™** mechanism ensures a precise and constant pressure against the chip, which optimizes the interface with Thermal Interface Material (TIM).
---
### 4. Implementation Requirements
To use this part effectively in an electronic assembly, the following are typically required:
* **PCB Holes**: The board must have pre-drilled holes to accommodate the pushPIN™ clips.
* **Thermal Interface Material (TIM)**: A layer of thermal paste or a thermal pad must be placed between the component and the heat sink base.
* **Airflow**: This is a passive component; its efficiency is significantly increased when paired with a fan (active cooling).
---
- ⤷
What are the specific hole patterns required on the PCB for the ATS-15G-26-C1-R0?
- ⤷ How does the 'Fine-Pitch' fin design compare to 'Coarse-Pitch' in terms of airflow resistance?
- ⤷ Is this heat sink compatible with standard 40mm DC fans?