ATS-15F-90-C2-R0
AI

The **ATS-15F-90-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push-pin" attachment series designed for cooling processors and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Type** | Push-Pin (Brass, 10-Step) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W x H)** | 45mm x 45mm x 25mm |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Component Analysis
### A. The Heat Sink Body
The body is constructed from **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio. The **straight-fin design** is optimized for high-velocity airflow environments (active cooling), allowing air to flow through the channels with minimal resistance.
### B. The Attachment Mechanism (Push-Pin)
This part uses a **Push-Pin and Spring** assembly.
* **Purpose:** It ensures a constant, secure pressure between the heat sink and the electronic component (CPU/GPU).
* **Reliability:** The 10-step brass push-pin provides a more secure mechanical attachment than adhesive tapes, which can fail under high heat or vibration.
### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates the specific thermal interface material.
* **T766:** This is a high-performance phase-change material applied to the base. It fills microscopic gaps between the heat sink and the chip to maximize heat transfer efficiency.
---
## 3. Performance Data
Thermal resistance is measured based on the airflow (Linear Feet per Minute - LFM):
| Air Velocity | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM** | 6.36 |
| **400 LFM** | 3.33 |
| **600 LFM** | 2.50 |
| **800 LFM** | 2.10 |
---
## 4. Part Number Breakdown
The nomenclature for this part follows the ATS standard:
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **15F:** Series/Family code
* **90:** Specific dimension/fin configuration
* **C2:** Thermal Interface Material (T766)
* **R0:** Revision/Standard packaging
- ⤷
What are the mounting hole requirements for the push-pins on this heat sink?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?
- ⤷ How does the T766 TIM compare to standard thermal grease in terms of longevity?