ATS-15F-75-C1-R0
AI

The **ATS-15F-75-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide high thermal performance in restricted airflow environments.
---
## 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 45.00mm x 40.00mm x 10.00mm |
| **Thermal Resistance** | 14.95°C/W (Unducted Flow @ 200 LFM) |
| **Compliance** | RoHS Compliant |
---
## 2. Key Design Features
### A. maxiFLOW™ Geometry
The "F" in the part number denotes the **maxiFLOW™** design. Unlike standard rectangular fin heat sinks, this design features a tapered fin structure.
- **Benefit:** It increases the surface area while reducing pressure drop, making it highly efficient for convection cooling.
### B. pushPIN™ Attachment System
The part utilizes the ATS **pushPIN™** system for mounting.
- **Hardware:** It includes a flexible spring-loaded pin mechanism.
- **Installation:** This allows for secure, vibration-resistant attachment to the PCB without requiring complex tools or adhesives.
### C. Material and Coating
- **Aluminum:** Provides a lightweight solution with high thermal conductivity.
- **Blue Anodized Finish:** Protects the aluminum from corrosion and slightly improves radiant heat transfer.
---
## 3. Part Number Breakdown
The nomenclature for ATS heat sinks provides specific details about the component:
| Segment | Meaning |
| :--- | :--- |
| **ATS-15** | Series and Mounting Style (pushPIN™) |
| **F** | Fin Style (maxiFLOW™) |
| **75** | Specific footprint/dimension code |
| **C1** | Thermal Interface Material (TIM) type (e.g., Phase Change) |
| **R0** | Revision/Packaging code |
---
## 4. Typical Applications
This heat sink is commonly used to cool integrated circuits (ICs) that generate significant heat in compact spaces, such as:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling MOSFETs or Voltage Regulators.
- ⤷
What is the thermal resistance of this part at different airflow speeds (LFM)?
- ⤷ Does this part come with pre-applied thermal interface material (TIM)?
- ⤷ Are there alternative mounting options if pushPIN is not compatible with my PCB?