ATS-15F-36-C2-R0
AI

The **ATS-15F-36-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their **maxiFLOW™** series, designed for high-density electronic cooling.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | maxiFLOW™ |
| **Base Dimensions** | 36.83mm x 36.83mm |
| **Height** | 14.50mm |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 2.72°C/W (@ 200 LFM) |
| **Shape** | Square |
---
### 2. Design and Engineering Features
The ATS-15F-36-C2-R0 is engineered with specific geometries to maximize heat dissipation in constrained spaces:
* **Spread Fin Pattern:** The "maxiFLOW" design uses a flared fin pattern. Unlike traditional straight fins, these increase the surface area and provide better airflow intake, significantly reducing the thermal resistance from the component to the ambient air.
* **pushPIN™ Attachment:** This model uses a spring-loaded attachment system. This ensures even pressure across the processor or component, preventing damage while providing optimal thermal contact.
* **Thermal Interface Material (TIM):** Typically, this part comes pre-applied with **T766** phase-change material or a similar high-performance thermal pad, which eliminates the need for manual paste application.
* **Material properties:** Made from extruded aluminum with a black anodized finish, which not only protects against corrosion but also enhances radiant heat transfer.
---
### 3. Common Applications
This heat sink is intended for medium-to-high power electronic components that generate significant heat during operation, including:
1. **Processors (CPUs/GPUs):** Used in embedded systems and industrial PCs.
2. **FPGAs & ASICs:** Ideal for telecommunications equipment and data routing hardware.
3. **Power Electronics:** Cooling for high-efficiency voltage regulators and power modules.
4. **LED Drivers:** Used in high-lumen industrial lighting setups.
---
### 4. Thermal Performance Comparison
Thermal resistance ($R_{th}$) determines how effectively the sink removes heat. As airflow (measured in Linear Feet per Minute - LFM) increases, the resistance drops:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 200 | 1.0 | 2.72 |
| 400 | 2.0 | 1.56 |
| 600 | 3.0 | 1.20 |
---
- ⤷
What is the hole-to-hole spacing required on the PCB for the pushPIN attachment?
- ⤷ How does the black anodized finish specifically affect the thermal emissivity of this heat sink?
- ⤷ Can this heat sink be used with a custom fan shroud for active cooling?