AI

The **ATS-15F-32-C2-R0** is a specific part number for a high-performance **Heatsink** manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push pin" attachment series, designed for cooling electronic components such as CPUs, GPUs, or high-power chipsets.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics. Here are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 54mm x 54mm |
| **Height** | 12.7mm |
| **Fin Style** | XC-Cut (Cross-Cut) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Thermal Resistance** | ~9.00°C/W (at 200 LFM) |
---
## 2. Component Breakdown
### A. The Heatsink Body
* **Material:** Made from Aluminum, which offers a good balance between thermal conductivity and weight.
* **Fin Design:** It uses a cross-cut (XC-Cut) pattern. Unlike straight fins, cross-cut fins allow for multi-directional airflow, making the cooling efficient even if the air is not blowing perfectly straight across the board.
### B. The Attachment System (Push-Pins)
* **Mechanical Stability:** Instead of using adhesive tape (which can fail under high heat), this part uses a spring-loaded push-pin system.
* **Springs:** The "C2" in the part number indicates a specific spring force, ensuring consistent pressure between the heatsink and the component for optimal heat transfer.
### C. Thermal Interface Material (TIM)
* The "-R0" suffix typically denotes that the unit comes pre-applied with a high-performance thermal interface material (like **Chomerics T766**), ensuring that there are no microscopic air gaps between the chip and the metal.
---
## 3. Applications
This part is commonly found in the following electronic systems:
1. **Networking Gear:** Switches, routers, and high-speed hubs.
2. **Embedded Systems:** Industrial PCs and automation controllers.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulator Modules (VRMs).
---
## 4. Understanding the Part Number Code
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **15F** | Series/Mounting Hole pattern |
| **32** | Specific height/size profile |
| **C2** | Spring/Hardware tension type |
| **R0** | Finish and TIM (Thermal Interface Material) code |
- ⤷
What is the hole-to-hole mounting distance for the 15F series?
- ⤷ How does the XC-Cut fin design compare to straight fins in stagnant air?
- ⤷ Can this heatsink be used with a custom fan attachment?